Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN832 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce AN832
Description  L4981A SYNCHRONIZATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN832 Fiches technique(HTML) 1 Page - STMicroelectronics

  AN832 Datasheet HTML 1Page - STMicroelectronics AN832 Datasheet HTML 2Page - STMicroelectronics AN832 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
AN832
APPLICATION NOTE
November 2003
Devices Description
In most of SMPS using power factor correction, the convertion is accomplished with a PFC stage, in boost to-
pology, that delivers a preregulated DC voltage to a downstream section. This provides the regulated final DC
buses, ensuring also the galvanic insulation from the mains. Both sections use a P.W.M. technique each with
their own control.
This means that two different switch mode controllers work very close one to the other producing some potential
problem (eg. interferences, beating etc.).
The L4981A controller is provided with an input/output (I/O) synchronization pin (see datasheet pin16 descrip-
tion) which allows the device to be used both as a master or a slave in synchronised configuration.
Let us take into consideration how to interface the L4981A with other PWM controllers each requiring different
interconnections. The devices that have been considered in the following examples are the L4990 (PWM pri-
mary contoller provided with I/O sync.) and the UC3842 PWM controller without any dedicated pin for sync.).
When L4990 with L4981A are used, different situations can be considered :
The PFC controller L4981A is the master and the L4990 is the slave (see fig. 1). Since the L4990 is provided
with a positive edge input sync., the two sync. pins can be simply wired together.
The L4990 is the master and the L4981A is the slave (see fig. 2).
Figure 1. Sync. example with L4981A used as master.
Figure 2. Sync. example with L4981A used as slave
L4981A
L4990
(fsw1)OSC
(fsw2)OSC
fsw1 > fsw2
16
1
D95IN293A
MASTER
SLAVE
L4981A
L4990
(fsw1)OSC
(fsw2)OSC
fsw1 > fsw2
1
16
D95IN294A
Ref
47pF
MASTER
SLAVE
by C. Adragna
L4981A SYNCHRONIZATION


Numéro de pièce similaire - AN832

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
AN832 SILABS-AN832 Datasheet
959Kb / 3P
A Microwatt Charge Pump Boosts
More results

Description similaire - AN832

FabricantNo de pièceFiches techniqueDescription
logo
Systemsensor advanced i...
RRS-MOD SYSTEMSENSOR-RRS-MOD Datasheet
97Kb / 2P
Synchronization Module
logo
STMicroelectronics
AN827 STMICROELECTRONICS-AN827 Datasheet
248Kb / 20P
A 500W HIGH POWER FACTOR WITH THE L4981A
Nov-2003
logo
Maxim Integrated Produc...
MAX17509 MAXIM-MAX17509 Datasheet
623Kb / 24P
External Frequency Synchronization
Rev 0; 2/15
logo
Analog Devices
AD9144 AD-AD9144 Datasheet
1Mb / 126P
Multiple chip synchronization
Rev. A
logo
STMicroelectronics
STEVAL-CCA029V1 STMICROELECTRONICS-STEVAL-CCA029V1 Datasheet
334Kb / 4P
External synchronization
13-Jun-2012
logo
Integrated Device Techn...
82P33914 IDT-82P33914 Datasheet
146Kb / 4P
Synchronization System
logo
Hotchip Technology Co.,...
PB0052E HOTCHIP-PB0052E Datasheet
1Mb / 8P
SynchronIzatIon switch
logo
Billiton Ltd.
TP5600 ASIC-TP5600 Datasheet
1Mb / 21P
SynchronIzatIon Switch SynchronIzatIon Switch 2 A
logo
Renesas Technology Corp
8A34005 RENESAS-8A34005 Datasheet
2Mb / 95P
Synchronization Management Unit
April 19, 2022
8A34004 RENESAS-8A34004 Datasheet
2Mb / 100P
Synchronization Management Unit
February 2, 2022
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com