Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1606 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce AN1606
Description  This application features the L4981 PFC controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1606 Fiches technique(HTML) 2 Page - STMicroelectronics

  AN1606 Datasheet HTML 1Page - STMicroelectronics AN1606 Datasheet HTML 2Page - STMicroelectronics AN1606 Datasheet HTML 3Page - STMicroelectronics AN1606 Datasheet HTML 4Page - STMicroelectronics AN1606 Datasheet HTML 5Page - STMicroelectronics AN1606 Datasheet HTML 6Page - STMicroelectronics AN1606 Datasheet HTML 7Page - STMicroelectronics AN1606 Datasheet HTML 8Page - STMicroelectronics AN1606 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AN1606 APPLICATION NOTE
2/18
Description of "Bridgeless PFC Configuration" Topology
The conventional boost topology is the most efficient for PFC applications. It uses a dedicated diode bridge to
rectify the AC input voltage to DC, which is then followed by the boost section. See Figure 2.
This approach is good for a low to medium power range. As the power level increases, the diode bridge begins
to become an important part of the application and it is necessary for the designer to deal with the problem of
how to dissipate the heat in limited surface area. The dissipated power is important from an efficiency point of
view.
Figure 2.
The bridgeless configuration topology presented in this paper avoids the need for the rectifier input bridge yet
maintains the classic boost topology.
This is easily done by making use of the intrinsic body diode connected between drain and source of PowerMOS
switches.
A simplified schematic of the bridgeless PFC configuration is shown in Figure 3.
Figure 3.
Load
L
A
controller
Rs
V_Rs
Mains
M
D
Inductor
Controller
Mains
Load
L
O
A
D
Inductor
M1
M2
D1
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com