Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1514 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN1514
Description  buck-boost converter using VIPer12A-E/22A-E
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1514 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN1514 Datasheet HTML 9Page - STMicroelectronics AN1514 Datasheet HTML 10Page - STMicroelectronics AN1514 Datasheet HTML 11Page - STMicroelectronics AN1514 Datasheet HTML 12Page - STMicroelectronics AN1514 Datasheet HTML 13Page - STMicroelectronics AN1514 Datasheet HTML 14Page - STMicroelectronics AN1514 Datasheet HTML 15Page - STMicroelectronics AN1514 Datasheet HTML 16Page - STMicroelectronics AN1514 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AN1514
VIPer application examples
13/17
Figure 9.
Vin=80Vacrms, Iout2=75 mA, CH1=Vout1, CH2=Iout1, CH3=ILp, CH4=Vout2
Figure 10.
Vin=285Vacrms, Iout2=75 mA, CH1=Vout1, CH2=Iout1, CH3=ILp, CH4=Vout2
Figure 11.
VIPer22A-E temperature at maximum load with parasitic capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17