| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1049 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1049 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 24 page ![]() SUMMARY Page INTRODUCTION 1 The L5991 .......................................................................................................................... 2 Standby Function Description............................................................................................. 3 Standby Operation Analysis ............................................................................................... 4 Standby Function Setup ..................................................................................................... 7 Standby Function and Error................................................................................................ 8 OPTIMISING THE DESIGN FOR MAXIMUM EFFICIENCY AT LIGHT LOAD Start-up & Self-supply Circuits............................................................................................ 8 Power MOSFET ................................................................................................................. 11 Transformer ........................................................................................................................ 13 Clamp Network ................................................................................................................... 14 Miscellaneous..................................................................................................................... 15 Experimental Results.......................................................................................................... 16 APPENDIX Flyback Basics.................................................................................................................... 17 Peak Current Mode Control Basics .................................................................................... 20 Light Load Losses Evaluation............................................................................................. 22 AN1049 APPLICATION NOTE 23/24 |