| Moteur de recherche de fiches techniques de composants électroniques |
|
AN829 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN829 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 9 page ![]() Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners © 2003 STMicroelectronics - All rights reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States www.st.com 9/9 AN829 APPLICATION NOTE CONCLUSIONS This paper presents an optimized Power Factor Corrector built around a power module driven by the L4981 con- trol IC. This STE36N50-DK ISOTOP power module is mounted directly on the PCB providing both very low in- ductance layout and compact hardware. Eliminating parasitic inductances enables tight control of switching di/dt and prevents turn off overvoltage. Therefore faster switching speeds are allowed to reduce switching losses. The 2Amps current capability of the controller is also a useful feature. Combined with a single layer winding inductor, such a configuration results in very low EMI and RFI generation. Finally, there is potential for further improvements using two features of the L4981: – the possibility either to synchronize the IC with an external signal, or to modulate the PFC switching frequency to spread the RFI noise. – the extra multiplier input, which enables external compensation. |