Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN557 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 12Page - STMicroelectronics AN557 Datasheet HTML 13Page - STMicroelectronics AN557 Datasheet HTML 14Page - STMicroelectronics AN557 Datasheet HTML 15Page - STMicroelectronics AN557 Datasheet HTML 16Page - STMicroelectronics AN557 Datasheet HTML 17Page - STMicroelectronics AN557 Datasheet HTML 18Page - STMicroelectronics AN557 Datasheet HTML 19Page - STMicroelectronics AN557 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
AN557 APPLICATION NOTE
16/52
Figure 15. Compensation network of the error amplifier
The Bode diagram is shown in fig.16.
Figure 16. Bode plot showing gain and phase of compensated error amplifier
The compensation circuit introduces a pole at low frequency and a zero that is generally calculated to be
put in the proximity of the resonance frequency of the output LC filter.
The second pole at high frequency generally falls in a zone of no interest (for the system stability, one must
consider the zero introduced by ESR characteristic of the output capacitor. Not all the designers agree on
this solution).
If necessary, however, one can turn to more sophisticated compensation circuitry. An example is shown
in fig. 17.
Figure 17. One pole, two zero compensation network
Such a circuit introduces a pole at low-frequency and two zeros.
17
Z1
1
2
Π R1 C1
-----------------------------
Z2
1
2
Π R2 C2
-----------------------------
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52