Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MASW-005102 Fiches technique(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

No de pièce MASW-005102
Description  HMIC Silicon PIN Diode Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-005102 Fiches technique(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-005102_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-005102_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-005102_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-005102_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-005102_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-005102_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-005102_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
HMIC™ Silicon PIN Diode Switch
RoHS Compliant
with Integrated Bias Network
Rev. V2
MASW-005102-13600
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
MASW-005102-13600 (SP5T)
Electrical Specifications @ TAMB = +25
oC, 10mA Bias current
1.Typical switching speed measured from 10% to 90% of detected RF signal driven by TTL compatible drivers using RC
output spiking network, R = 50 – 200Ω , C = 390 – 560pF.
Note:
Operation of the MASW-005102-13600
Operation of the MASW Series of PIN switches is achieved by the simultaneous application of negative DC
current to the low loss port and positive DC current to the remaining isolated switching ports per the Driver
Connections table below. The control currents should be supplied by constant current sources. For insertion
loss, -10mA bias results in approximately –2V, and for Isolation ,+10mA yields approximately +0.9V at the
respective bias nodes. The backside area of the die is the RF and DC return ground plane.
Driver Connections
PARAMETER
FREQUENCY
BAND
MIN
TYP
MAX
UNITS
INSERTION LOSS
2GHz
1.5
dB
6GHZ
0.9
1.0
dB
12GHz
1.2
1.5
dB
18GHz
1.8
2.1
dB
ISOLATION
2GHz
45
50
dB
6GHZ
40
48
dB
12GHz
30
40
dB
18GHz
25
35
dB
INPUT RETURN LOSS
6GHZ
20
dB
12GHz
20
dB
18GHz
17
dB
OUTPUT RETURN LOSS
2GHz
22
dB
6GHZ
19
dB
12GHz
19
dB
18GHz
17
dB
SWITCHING SPEED
10GHz
80
ns
CONTROL LEVEL (DC CURRENT)
CONDITION OF RF OUTPUT
B2
B3
B4
B5
B6
J2-J1
J3-J1
J4-J1
J5-J1
J6-J1
-10mA
+10mA
+10mA
+10mA
+10mA
Low Loss
Isolation
Isolation
Isolation
Isolation
+10mA
-10mA
+10mA
+10mA
+10mA
Isolation Low Loss Isolation
Isolation
Isolation
+10mA
+10mA
-10mA
+10mA
+10mA
Isolation
Isolation Low Loss
Isolation
Isolation
+10mA
+10mA
+10mA
-10mA
+10mA
Isolation
Isolation
Isolation
Low Loss
Isolation
+10mA
+10mA
+10mA
+10mA
-10mA
Isolation
Isolation
Isolation
Isolation
Low Loss



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com