Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1613 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce UM1613
Description  16-pin smartcard interface ST8034P demonstration board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1613 Fiches technique(HTML) 5 Page - STMicroelectronics

  UM1613 Datasheet HTML 1Page - STMicroelectronics UM1613 Datasheet HTML 2Page - STMicroelectronics UM1613 Datasheet HTML 3Page - STMicroelectronics UM1613 Datasheet HTML 4Page - STMicroelectronics UM1613 Datasheet HTML 5Page - STMicroelectronics UM1613 Datasheet HTML 6Page - STMicroelectronics UM1613 Datasheet HTML 7Page - STMicroelectronics UM1613 Datasheet HTML 8Page - STMicroelectronics UM1613 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DocID024287 Rev 1
5/9
UM1613
Board layout
3
Board layout
3.1
Layout recommendations
The ST8034xx family of devices includes an LDO block to generate VCC supply voltage for
the smartcard, which (in contrast to previous ST8024/8024L devices with a charge pump)
does not generate any noise and therefore even the requirements for a printed circuit board
layout and external component selection are not so strict (general PCB layout rules apply).
On the other hand, the LDO requires the input voltage (VDDP) to be at least about 100 mV
greater than the desired output voltage (VCC). Place the decoupling capacitors as close as
possible to the appropriate pin of the ST8034 device and use sufficiently wide PCB tracks.
Make the data and clock lines as short as possible and use a ground plane.
3.2
Component placement
Figure 3. Component placement on the PCB



Html Pages

1 2 3 4 5 6 7 8 9