Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1573 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce UM1573
Description  ST7540 power line modem firmware stack
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1573 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button UM1573 Datasheet HTML 19Page - STMicroelectronics UM1573 Datasheet HTML 20Page - STMicroelectronics UM1573 Datasheet HTML 21Page - STMicroelectronics UM1573 Datasheet HTML 22Page - STMicroelectronics UM1573 Datasheet HTML 23Page - STMicroelectronics UM1573 Datasheet HTML 24Page - STMicroelectronics UM1573 Datasheet HTML 25Page - STMicroelectronics UM1573 Datasheet HTML 26Page - STMicroelectronics UM1573 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
UM1573
Stack firmware structure
Doc ID 023619 Rev 1
23/27
3
Stack firmware structure
The stack firmware structure contained inside the zip file supplied with this user manual is
shown in Figure 8.
Inside the root there is the interfaceconfig.h file which contains all the macros used for
the stack configuration and option setup.
The src directory contains all the source files and the object files (the object files refer to
the AES128.o, stk_l.o and stk_n.o files). The stk_p.c and the ST7540 driver contain
the source code allowing the user to make modifications eventually required by the chosen
microcontroller.
Figure 8.
Stack firmware structure
The inc directory contains all the definition files to include in the user project.
Table 1 shows the stack firmware weight in terms of memory (both Flash and RAM).
The stack firmware uses some microcontroller peripheral libraries which must be
considered to calculate the final code size. The used STM32F103xx microcontroller libraries
are listed below:
●
stm32f10x_gpio
●
stm32f10x_exti
●
stm32f10x_spi
●
stm32f10x_rtc
●
stm32f10x_bkp
●
stm32f10x_iwdg
●
stm32f10x_rcc
●
stm32f10x_tim
●
<time.h>
PLMstack45
interfaceconfig.h
inc
AES128.h
stk_l.h
stk_n.h
stk_p.h
stm32f10x_plm.h
src
AES128.o
stk_l.o
stk_n.o
stk_p.c
stm32f10x_plm.c
stm32f10x_plm.c
stm32f10x_plm.h
h
h
h
h
h
c
c
h
ST7540 Driver
AM15250v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27