Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1008 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce UM1008
Description  Demonstration kit for the ST7570 power line modem
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1008 Fiches technique(HTML) 5 Page - STMicroelectronics

  UM1008 Datasheet HTML 1Page - STMicroelectronics UM1008 Datasheet HTML 2Page - STMicroelectronics UM1008 Datasheet HTML 3Page - STMicroelectronics UM1008 Datasheet HTML 4Page - STMicroelectronics UM1008 Datasheet HTML 5Page - STMicroelectronics UM1008 Datasheet HTML 6Page - STMicroelectronics UM1008 Datasheet HTML 7Page - STMicroelectronics UM1008 Datasheet HTML 8Page - STMicroelectronics UM1008 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
UM1008
Connection procedure
Doc ID 18032 Rev 2
5/32
2
Connection procedure
In order to connect EVALKITST7570-1 to the PC, the user must follow the instructions
below:
1.
Connect the board to the PC using a USB cable.
2.
Plug a power cable into the board AC power plug.
3.
Plug the power cable into the power socket.
4.
As soon as the board is powered, the power LEDs switch on.
USB/UART adapter driver installation
The USB communication between the EVALKITST7570-1 and the PC is managed through
an onboard USB to UART adapter. This device needs the installation of the correct device
software driver on the PC.
Assuming that the device drivers are not yet installed, follow the instructions below:
1.
Download the latest available Virtual COM Port (VCP) drivers from the FTDI web site
(www.ftdichip.com) and unzip them to a location on the host PC.
2.
Connect the EVALKITST7570-1 to a spare USB port on the host PC. The screen
shown in Figure 2 is displayed. Select “No, not this time” from the options available and
then click “Next” to proceed with the installation.
Figure 2.
Hardware update wizard screen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com