Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4356 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce AN4356
Description  Antenna desense on handheld equipment
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4356 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button AN4356 Datasheet HTML 6Page - STMicroelectronics AN4356 Datasheet HTML 7Page - STMicroelectronics AN4356 Datasheet HTML 8Page - STMicroelectronics AN4356 Datasheet HTML 9Page - STMicroelectronics AN4356 Datasheet HTML 10Page - STMicroelectronics AN4356 Datasheet HTML 11Page - STMicroelectronics AN4356 Datasheet HTML 12Page - STMicroelectronics AN4356 Datasheet HTML 13Page - STMicroelectronics AN4356 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DocID025260 Rev 1
11/14
AN4356
Solution to avoid antenna desense
14
These trials have been done on the USB2.0 interface, but the same issues could be
encountered on another links such as MIPI D-PHY, Display Port, MHL, HDMI, USB3.0, SD
Card… related to the various Rx frequencies found in mobile equipments:
•
GPS
•
WLAN
•
Bluetooth
•
TV
A proper choice of ECMF device could help solve these kinds of problems.
The better place for the ECMF device is as close as possible to the connectors for the
external links, and close to the connector flex for internal ones. For long flex, one ECMF at
each end will be more efficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14