Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4315 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce AN4315
Description  BAL-NRF02D3 matched balun with integrated harmonics filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4315 Fiches technique(HTML) 3 Page - STMicroelectronics

  AN4315 Datasheet HTML 1Page - STMicroelectronics AN4315 Datasheet HTML 2Page - STMicroelectronics AN4315 Datasheet HTML 3Page - STMicroelectronics AN4315 Datasheet HTML 4Page - STMicroelectronics AN4315 Datasheet HTML 5Page - STMicroelectronics AN4315 Datasheet HTML 6Page - STMicroelectronics AN4315 Datasheet HTML 7Page - STMicroelectronics AN4315 Datasheet HTML 8Page - STMicroelectronics AN4315 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DocID024845 Rev 1
3/10
AN4315
Benefits of BAL-NRF02D3 reference design
2
Benefits of BAL-NRF02D3 reference design
The BAL-NRF02D3 provides two essential benefits:
Decrease in the BOM count by 80%, from 5 components to 1 component
More than 80% PCB area reduction compared to the original design with the
BAL-NRF01D3 and discrete components
Compared to discrete solutions, the BAL-NRF02D3 solution is much easier to implement.
Thanks to this smart implementation:
No RF measurement tools and RF skills are required to design and validate the
function.
Performance is less sensitive to component placement.
PCB design is symmetrical from differential output to antenna, providing much shorter
traces between transceiver outputs to the balun.
As a result, ST BAL-NRF02D3 reduces harmonics generation.



Html Pages

1 2 3 4 5 6 7 8 9 10