Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3372 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce AN3372
Description  This note describes digital ballast for 70 W HID lamps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3372 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button AN3372 Datasheet HTML 21Page - STMicroelectronics AN3372 Datasheet HTML 22Page - STMicroelectronics AN3372 Datasheet HTML 23Page - STMicroelectronics AN3372 Datasheet HTML 24Page - STMicroelectronics AN3372 Datasheet HTML 25Page - STMicroelectronics AN3372 Datasheet HTML 26Page - STMicroelectronics AN3372 Datasheet HTML 27Page - STMicroelectronics AN3372 Datasheet HTML 28Page - STMicroelectronics AN3372 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
AN3372
ST7 microcontroller application pin use
Doc ID 018625 Rev 1
25/37
Figure 18.
PFC ZCD circuitry
The boost converter of the PFC works in transition mode. To obtain this feature an auxiliary
winding is wound in the main inductor of the half bridge and when the current reaches the
zero value the variation of voltage used by the LTIC pin of the microcontroller starts the
conduction of the switch.
●
Pin 27: general purpose input-output pin. This pin is used to switch on a red LED
indicating fault condition.
●
Pin 28: PFC OC, this pin is used to perform overcurrent on the PFC section avoiding
saturation of the inductor. In Figure 18 it is possible to see that an RC filter composed
of R3 and C5 is inserted to avoid unexpected switch-off due to the noise in the circuit.
This protection is not implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37