| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3276 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3276 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 22 page ![]() November 2010 Doc ID 17975 Rev 1 1/22 AN3276 Application note ST solution for efficiency improvement in PFC applications, back current circuit (BC2) Introduction The challenges for modern high efficiency switching power supplies are to minimize power losses and increase their power density without raising the cost. The goal is to reduce both power conduction and power switching losses. Minimization of power conduction losses is difficult to achieve without considerably affecting the cost and power density, since more material is required (bigger active and passive components). Unlike the conduction losses, it is easier to reduce the power switching losses without significantly increasing the power supply cost. There are two main ways to achieve this improvement: ■ working on the dynamic behavior of the semiconductor technologies ■ working on circuit topologies Novel diodes using technologies such as SiC and GaN materials significantly reduce the switching losses. However, their high price makes them not so attractive for applications such as desktop server power supplies, solar inverters and µinverters. The patented circuit [see Section 5: References, 1.], described in this Application note is based on the soft switching method and meets market expectations since its efficiency/cost/power, and density/EMI trade-offs are better than high voltage SiC Schottky diodes. www.st.com |
Numéro de pièce similaire - AN3276 |
|
Description similaire - AN3276 |