Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3275 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN3275
Description  Improving the performance of smartcard interfaces
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3275 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN3275 Datasheet HTML 9Page - STMicroelectronics AN3275 Datasheet HTML 10Page - STMicroelectronics AN3275 Datasheet HTML 11Page - STMicroelectronics AN3275 Datasheet HTML 12Page - STMicroelectronics AN3275 Datasheet HTML 13Page - STMicroelectronics AN3275 Datasheet HTML 14Page - STMicroelectronics AN3275 Datasheet HTML 15Page - STMicroelectronics AN3275 Datasheet HTML 16Page - STMicroelectronics AN3275 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AN3275
Emergency deactivation/fault detection
Doc ID 17962 Rev 1
13/32
Figure 9.
VTH(ext) fall (external falling threshold on VDD)
CH1 = CMDVcc
CH2 = VCC
CH3 = OFF
CH4 = VTH(ext) fall
Note:
When VTH(ext) fall = 1.155 V, the device starts switching off and VCC goes low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32