Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3245 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN3245
Description  A hardware and software guide for the STMPE1801 Xpander
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3245 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN3245 Datasheet HTML 9Page - STMicroelectronics AN3245 Datasheet HTML 10Page - STMicroelectronics AN3245 Datasheet HTML 11Page - STMicroelectronics AN3245 Datasheet HTML 12Page - STMicroelectronics AN3245 Datasheet HTML 13Page - STMicroelectronics AN3245 Datasheet HTML 14Page - STMicroelectronics AN3245 Datasheet HTML 15Page - STMicroelectronics AN3245 Datasheet HTML 16Page - STMicroelectronics AN3245 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AN3245
Software
Doc ID 17747 Rev 1
13/19
2
Software
2.1
I2C
2.1.1
I
2C initialization
It is recommended to insert the software reset as the first command during initialization
before the starting of the I2C transaction.
2.2
Programming guide
Figure 12.
Typical programming flow
2.2.1
Initialization
The following is an example for device initialization based on standard implementation for
keypad, GPIO, and hotkey.
Keypad initialization (e.g. 10x8 keypad initialization)
WriteRegister(SYS_CTRL, 0x80);//Issue SW reset
WriteRegister(KPC_ROW,0xFF); //Activate all rows
WriteRegister(KPC_COL_LOW,0xFF); //Activate all columns
WriteRegister(KPC_COL_HIGH,0x03);
WriteRegister(KPC_CTRL_LOW,0xF0);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19