Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2640 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce AN2640
Description  Intelligent multipower digital ballast for fluorescent lamps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2640 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button AN2640 Datasheet HTML 28Page - STMicroelectronics AN2640 Datasheet HTML 29Page - STMicroelectronics AN2640 Datasheet HTML 30Page - STMicroelectronics AN2640 Datasheet HTML 31Page - STMicroelectronics AN2640 Datasheet HTML 32Page - STMicroelectronics AN2640 Datasheet HTML 33Page - STMicroelectronics AN2640 Datasheet HTML 34Page - STMicroelectronics AN2640 Datasheet HTML 35Page - STMicroelectronics AN2640 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Board description
AN2640
32/36
Figure 31.
Test equipment
Figure 32, 33, 34, and 35 show the results.
Figure 32.
24 W
Figure 33.
39 W
Agilent 6812B
AC Power Source / Analyzer
Agilent E7401A
EMC Analyzer
STEVAL-ILB004V1
T5 Tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36