| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2503 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2503 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 30 page ![]() AN2503 PDP Power Devices characteristics 23/30 Figure 24. Gate driver topology with L6385 Figure 25. Gate driver topology – L6388 Due to current value in bootstrap charge, the internal diode cannot be used, thus external diode SMBY01-400 [20.] must be used. Further details on L6585 and L6588 application can be found in [18.] and [19.]. 4.3.1 Totem pole In order to match inherent power devices characteristics, (as high gate charge) with drivers current capability, totem pole STS01DTP06 [21.] in a push pull configuration is used in the application. The STS01DTP06 is housed in the SMD dual island SO-8 package and allows an optimized electronic solutions, by improving circuit efficiency, saving space and reducing component count on the board. The STS01DTP06 is a hybrid complementary NPN and PNP bipolar transistor manufactured using the latest low voltage planar technology. Extremely efficient performance is obtained by combining high pulse current, excellent gain and fast speed, Vcc HIN LIN GND 1 3 2 4 OUT HVG Vboot 8 7 6 5 LVG VCC L638x VCC TO PLASMA Vs Vs Vs Vs Vcc HIN LIN GND 1 3 2 4 OUT HVG Vboot 8 7 6 5 LVG VCC L638x VCC Vs/2 Vs/2 PP PP PP PP pgy Vcc HIN LIN GND 1 3 2 4 OUT HVG Vboot 8 7 6 5 LVG VCC L638x VCC TO PLASMA Vs Vs Vs Vcc HIN LIN GND 1 3 2 4 OUT HVG Vboot 8 7 6 5 LVG VCC L638x VCC Vs/2 PP PP PP PP |