| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1557 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1557 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 111 page ![]() UM1557 Analogue current sense Doc ID 023521 Rev 2 21/111 3 Analogue current sense 3.1 Introduction With the introduction of the VIPower M0-5 technology, important improvements have been introduced in the analog current sense operation. The block diagram of a M0-5 high-side driver with analog current sense is shown in Figure 16. As with the previous generations, the current sense block has a double function: ● Current mirror of the load current in normal operation, delivering a current proportional to the load current according to a known ratio named K; ● Diagnostics flag in fault conditions, delivering a fixed voltage with a certain current capability in case of overload and open load in off-state condition. The current delivered by the current sense circuit can be easily converted to a voltage by means of an external sense resistor, thus allowing continuous load monitoring and fault condition detection. Figure 15. 24 V high-side driver with analogue current sense–block diagram |