Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1556 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce UM1556
Description  VIPower M0-5 and M0-5Enhanced
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1556 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button UM1556 Datasheet HTML 27Page - STMicroelectronics UM1556 Datasheet HTML 28Page - STMicroelectronics UM1556 Datasheet HTML 29Page - STMicroelectronics UM1556 Datasheet HTML 30Page - STMicroelectronics UM1556 Datasheet HTML 31Page - STMicroelectronics UM1556 Datasheet HTML 32Page - STMicroelectronics UM1556 Datasheet HTML 33Page - STMicroelectronics UM1556 Datasheet HTML 34Page - STMicroelectronics UM1556 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 87 page
background image
UM1556
Analogue current sense
Doc ID 023520 Rev 2
31/87
Figure 30.
VSENSE measurement
The trend is almost linear in the application range and so we can approximate the VSENSE
trend with the following equation:
Equation 6
Where m [ohm] is the rectangular coefficient and a is a constant.
The output current can be calculated by inverting this equation:
Equation 7
Instead of IOUT =ISENSE × K, once M[S] and b are known, it is possible to evaluate the IOUT
with a high accuracy, leaving only the spread due to temperature variation.
The current sense fluctuation due temperature variation is expressed in the datasheet with
the parameter dK/K.
How to calculate M and b
To calculate M and b two simple measurements performed at the end of the production line
are required. Chose two reference output currents (Iref1 and Iref2) and measure the
respective VSENSE1 and VSENSE2. These four values must thenbe stored in an EEPROM in
order to let the µC use this information to calculate K and b using the simple formulas
reported below.
Since we defined:
it is also true that:
V
sense
m*I
out
a
+
=
I
out
M*V
sense+b
=
I
out
M*V
sense+b
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87