Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1524 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce UM1524
Description  This document describes the functions
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1524 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button UM1524 Datasheet HTML 17Page - STMicroelectronics UM1524 Datasheet HTML 18Page - STMicroelectronics UM1524 Datasheet HTML 19Page - STMicroelectronics UM1524 Datasheet HTML 20Page - STMicroelectronics UM1524 Datasheet HTML 21Page - STMicroelectronics UM1524 Datasheet HTML 22Page - STMicroelectronics UM1524 Datasheet HTML 23Page - STMicroelectronics UM1524 Datasheet HTML 24Page - STMicroelectronics UM1524 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
UM1524
Single-phase energy meter features
Doc ID 022901 Rev 1
21/35
Figure 6.
SerialIO GUI hardware setup
Figure 7.
SerialIO GUI with protocol mode C settings
Note:
For more details about IRDA mode C, refer to 62056-21 IRDA protocol mode C document.
6.7
Pulse-out LED
LED D10 is used as pulse-out for cumulative energy. It works on a meter constant of 1600
impulses/kWh.
LED output can be used to test the accuracy of the meter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35