Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0759 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce UM0759
Description  L9958 evaluation board and graphical user interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0759 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button UM0759 Datasheet HTML 17Page - STMicroelectronics UM0759 Datasheet HTML 18Page - STMicroelectronics UM0759 Datasheet HTML 19Page - STMicroelectronics UM0759 Datasheet HTML 20Page - STMicroelectronics UM0759 Datasheet HTML 21Page - STMicroelectronics UM0759 Datasheet HTML 22Page - STMicroelectronics UM0759 Datasheet HTML 23Page - STMicroelectronics UM0759 Datasheet HTML 24Page - STMicroelectronics UM0759 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
UM0759
General description
Doc ID 16058 Rev 2
21/26
3.3.6
SPI diagnosis indication
This field will indicate the diagnosis status. SPI diagnosis word will displayed at SPI
Diagnosis Indication field. The diagnostic protocol was referred below:
Figure 22.
SPI diagnostic information
For more diagnostic information, Please refer to L9958 datasheet in detail.
Table 7.
SPI diagnostic protocol
Bit
Name
Description
Status after
reset
0-LSB
OL_OFF
Open load in OFF condition
0
1
OL_ON
Open load in ON condition
0
2
VS_UV
Vs undervoltage
0
3
VDD_OV
Vdd overvoltage
0
4
ILIM
Current limitation reached
0
5
TWARN
Temperature warning
0
6
TSD
Over-temperature shutdown
0
7
ACT
Bridge enable
1
8
OC_LS1
Over-current on low side 1
0
9
OC_LS2
Over-current on low side 2
0
10
OC_HS1
Over-current on high side 1
0
11
OC_HS2
Over-current on high side 2
0
12
Null
Not used
13
Null
Not used
14
SGND_OFF
Short to GND in OFF condition
0
15-MSB
SBAT_OFF
Short to battery in OFF condition
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26