| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0563 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0563 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 46 page ![]() UM0563 L9952GXP software driver functions 23/46 Table 17. L9952drv_SetVsLockoutMode Service name L9952drv_SetVsLockoutMode Syntax Void L9952drv_SetVsLockoutMode ( L9952drv_VsLockoutModeType mode ) Service ID 16 Sync/async Asynchronous Reentrancy Non reentrant Parameters (in) Parameter mode selects the behavior of the L9952GXP after Vs (power supply voltage) recovery Return value None Description This function enables automatic recovery of outputs after Vs over/under voltage recovery of the L9952GXP. The register affected is the CR2.4(1)(2) 1. This function updates the software driver’s internal copy of control register 2 and sends it immediately to the L9952GXP via the SPI. 2. This function refreshes the software driver’s internal copy of status 0 register from the L9952GXP via the SPI. Caveats This function waits until the data are completely transferred to the L9952GXP via the SPI. Configuration None |