| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0547 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0547 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 13 page ![]() UM0547 Evaluation board description Doc ID 14682 Rev 2 9/13 On the board there are a connector to monitoring the enabled status of the L9349 drivers. The following table describes the pin out of the enable L9349 drivers: Table 3. Valve connectors J7, J9 and J11 Name Figure Description J7 Pin 1 Figure 6. Status Q1 of second driver J7 Pin 2 Status Q2 of second driver J7 Pin 3 Status Q3 of second driver J7 Pin 4 Status Q4 of second driver J9 Pin 1 Input Q1 of second driver J9 Pin 2 Input Q2 of second driver J9 Pin 3 Input Q3 of second driver J9 Pin 4 Input Q4 of second driver J11 Pin 1 Output Q1 of second driver J11 Pin 2 Output Q2 of second driver J11 Pin 3 Output Q3 of second driver J11 Pin 4 Output Q4 of second driver Figure 7. Enabled status connectors Table 4. Valve connectors J3 Name Figure Description J3 Pin 1 Figure 7. Enable first L9349 valve driver J3 Pin 2 Enable second L9349 valve driver ENA_1 ENA_1 1 2 J3 ENA ENA_2 ENA_2 |