| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0541 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0541 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 19 page ![]() UM0541 DCP-Application Programming Interface 9/19 3 DCP-Application Programming Interface 3.1 Introduction This section describes the API (Application Programming Interface) for the DCP protocol. Following a list of the functions implemented to realize the communication using DCP protocol: ● DCP_Register ● DCP_RegisterErrorHandler ● DCP_SendFrame ● DCCallback ● DCErrorManagement 3.2 API reference 3.2.1 DCP_register Definition UINT32 DCP_register( PFN_DCB2 pfnDCB ). Arguments pfnDCB [in] a pointer to callback that processes received frames. Returns This function returns DCN_SUCCESS on successful completion, DCN_BAD_PARAMETER if pfnDCB is NULL. Description The function DCP_register is used by the user application to register the callback function defined by the user. 3.2.2 DCP_RegisterErrorHandler Definition UINT32 DCP_RegisterErrorHandler( PFN_DEH pfnDEH ). Arguments pfnDEH [in] a pointer to function that processes errors. Returns This function returns DCN_SUCCESS on successful completion, DCN_BAD_PARAMETER if pfnDEH is NULL. |