Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRL3103 Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRL3103
Description  Power MOSFET(Vdds=30V, Rds(on)=12mohm, Id=64A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRL3103 Fiches technique(HTML) 2 Page - International Rectifier

  IRL3103 Datasheet HTML 1Page - International Rectifier IRL3103 Datasheet HTML 2Page - International Rectifier IRL3103 Datasheet HTML 3Page - International Rectifier IRL3103 Datasheet HTML 4Page - International Rectifier IRL3103 Datasheet HTML 5Page - International Rectifier IRL3103 Datasheet HTML 6Page - International Rectifier IRL3103 Datasheet HTML 7Page - International Rectifier IRL3103 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRL3103
2
www.irf.com
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.2
V
TJ = 25°C, IS = 34A, VGS = 0V
„
trr
Reverse Recovery Time
–––
57
86
ns
TJ = 25°C, IF = 34A
Qrr
Reverse Recovery Charge
–––
110
170
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
64
220
A
‚ Starting TJ = 25°C, L = 220µH
RG = 25Ω, IAS = 34A, VGS=10V (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11)
Notes:
ƒ ISD ≤ 34A, di/dt ≤ 120A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… This is a typical value at device destruction and represents
operation outside rated limits.
† This is a calculated value limited to TJ = 175°C .
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.028 –––
V/°C
Reference to 25°C, ID = 1mA
–––
–––
12
VGS = 10V, ID = 34A
„
–––
–––
16
VGS = 4.5V, ID = 28A
„
VGS(th)
Gate Threshold Voltage
1.0
–––
–––
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
22
–––
–––
S
VDS = 25V, ID = 34A
„
–––
–––
25
µA
VDS = 30V, VGS = 0V
–––
–––
250
VDS = 24V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 16V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -16V
Qg
Total Gate Charge
–––
–––
33
ID = 34A
Qgs
Gate-to-Source Charge
–––
–––
5.9
nC
VDS = 24V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
17
VGS = 4.5V, See Fig. 6 and 13
td(on)
Turn-On Delay Time
–––
8.9
–––
VDD = 15V
tr
Rise Time
–––
120
–––
ID = 34A
td(off)
Turn-Off Delay Time
–––
14
–––
RG = 1.8Ω
tf
Fall Time
–––
9.1
–––
VGS = 4.5V, See Fig. 10
„
Between lead,
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
1650 –––
VGS = 0V
Coss
Output Capacitance
–––
650
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
110
–––
pF
ƒ = 1.0MHz, See Fig. 5
EAS
Single Pulse Avalanche Energy
‚
––– 1320
…130† mJ
IAS = 34A, L = 0.22mH
S
D
G
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
RDS(on)
Static Drain-to-Source On-Resistance
IGSS
nH
LS
Internal Source Inductance
–––
7.5
–––
LD
Internal Drain Inductance
–––
4.5
–––
IDSS
Drain-to-Source Leakage Current
m
Ω



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com