| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4501 Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4501 Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 48 page ![]() DocID026394 Rev 1 39/48 AN4501 Glossary 47 Appendix A Glossary In this document, currents and voltages with lower case character refer to the instantaneous parameter whereas the higher case characters refer to the DC or average values. For example iL represents the instantaneous inductor current and IL designates the DC inductor current. The subscripts MIN and MAX refer to the minimum and to the maximum values. The subscripts PEAK and PP refer to the peak and to the peak-to-peak value. The subscript RMS refers to the RMS value. Table 4. Notations and abbreviations Notation Description IIN, VIN Input current and voltage IOUT,VOUT Output current and voltage VFLED Single LED forward voltage FSW Converter’s switching frequency T Converter’s period = 1/ FSW IL, VL Inductor voltage and current L Inductor and inductance LBOUNDARY Inductance operating at the boundary between CCM and DCM IL,PEAK Inductor peak current IL,VALLEY Inductor valley current IL,PP Inductor peak-to-peak current IL,PP@VINMIN IL,PP at VIN,MIN tON, tOFF Converter’s on-time, off-time D Converter’s duty cycle = tON/T VFDIODE Forward voltage of freewheeling diode RTHJ-AMB,D Junction-to-ambient thermal resistance of the freewheeling diode RTHJ-AMB,M1 Junction-to-ambient thermal resistance M1 M1 Boost switching MOSFET M2 Dimming MOSFET IM1 ,VM1 M1 drain-source current and voltage VM1,GS M1 gate-source voltage vM1,GS,TH Threshold voltage of vM1,GS vM1,DS Drain-Source voltage of M1 CGS M1 gate-source capacitor CGD M1 gate-drain capacitor |