Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3175 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 3175
Description  247.5 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3175 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  3175 Datasheet HTML 1Page - KR Electronics, Inc. 3175 Datasheet HTML 2Page - KR Electronics, Inc. 3175 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2014, KR Electronics, Inc.
3175, Rev 0, November 24, 2014
KR Electronics, Inc.
KR Electronics part number 3175 is a 247.5 MHz bandpass fil-
ter. The filter has a minimum 1 dB bandwidth of 15 MHz. Oth-
er frequencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 247.5 MHz Bandpass Filter
 15 MHz min 1 dB Bandwidth
 50  Source and Load
 Surface Mount
 SMA Connectors Available
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 3175

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
3175 ALLEGRO-3175 Datasheet
147Kb / 8P
HALL-EFFECT LATCHES
logo
Mallory performance clu...
3175 MALLORY-3175 Datasheet
41Kb / 1P
INLINE FUEL FILTER
logo
List of Unclassifed Man...
3175 ETC2-3175 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
logo
Allegro MicroSystems
3175 ALLEGRO-3175 Datasheet
154Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
List of Unclassifed Man...
3175 ETC2-3175 Datasheet
68Kb / 1P
WASHERS
More results

Description similaire - 3175

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
Oscilent Corporation
821-IF247.5M-29A OSCILENT-821-IF247.5M-29A Datasheet
222Kb / 6P
247.5 MHz IF SAW Filter 29.70 MHz Bandwidth
logo
KR Electronics, Inc.
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
3277-SMA KR-3277-SMA Datasheet
100Kb / 3P
70 MHz Bandpass Filter
3299-SMA KR-3299-SMA Datasheet
85Kb / 3P
530 MHz Bandpass Filter
logo
Transko Electronics, In...
TA24729AD1 TRANSKO-TA24729AD1 Datasheet
598Kb / 4P
247.5 MHz IF SAW Filter / 29.70 MHz Bandwidth
Revision 0: 24. Nov. 2009
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com