Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4266 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN4266
Description  Safety application guide for SPC56xL70xx family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4266 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN4266 Datasheet HTML 19Page - STMicroelectronics AN4266 Datasheet HTML 20Page - STMicroelectronics AN4266 Datasheet HTML 21Page - STMicroelectronics AN4266 Datasheet HTML 22Page - STMicroelectronics AN4266 Datasheet HTML 23Page - STMicroelectronics AN4266 Datasheet HTML 24Page - STMicroelectronics AN4266 Datasheet HTML 25Page - STMicroelectronics AN4266 Datasheet HTML 26Page - STMicroelectronics AN4266 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
AN4266
Functional safety requirements for application software
Doc ID 024283 Rev 2
23/76
Note:
Rationale: To minimize CCF
Safety Integrity Functions
The safety integrity is achieved by duplicate reads and software comparison by the
processing function (See Figure 3).
Mandatory: The application software must implement the following tests:
●
ETIMER0_SWTEST_REGCRC
●
ETIMER1_SWTEST_REGCRC
●
SIUL_SWTEST_REGCRC
Note:
Rationale: To verify that the configuration of the modules used by this safety function
compare with what is expected
Rationale: To avoid CCF caused by improper configuration of the pads
Mandatory: The application software must implement the test ENCI_SWTEST_CMP, which
compares signals acquired from each channel.
Note:
Rationale: To verify that the two sets of data compare
Figure 3.
Double encoder read input
eTimer_0
I
ETC[x]
eTimer_1
I
ETC[y]
Encoder Input Double
Read Configuration
SIUL
I
I
EIRQ[x]
EIRQ[y]
I
= Input Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76