Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4189 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN4189
Description  The STEVAL-CCA049V1 is a demonstration board designed for the evaluation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4189 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN4189 Datasheet HTML 15Page - STMicroelectronics AN4189 Datasheet HTML 16Page - STMicroelectronics AN4189 Datasheet HTML 17Page - STMicroelectronics AN4189 Datasheet HTML 18Page - STMicroelectronics AN4189 Datasheet HTML 19Page - STMicroelectronics AN4189 Datasheet HTML 20Page - STMicroelectronics AN4189 Datasheet HTML 21Page - STMicroelectronics AN4189 Datasheet HTML 22Page - STMicroelectronics AN4189 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AN4189
Design guidelines for PCB schematic and layout
Doc ID 023809 Rev 1
21/23
Please note that the thermal pad must be connected to ground in order to properly set the
IC references. The heat must be able to flow freely to the sides of the IC, not only to the top,
but also to the bottom of the board. In order to optimize the heat transfer, it is recommended
to use via holes to connect the ground planes.
Figure 32.
Examples of good and bad thermal layout - top layer
Figure 33.
Examples of good and bad thermal layout - bottom layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23