Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3158 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 3158
Description  10 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3158 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  3158 Datasheet HTML 1Page - KR Electronics, Inc. 3158 Datasheet HTML 2Page - KR Electronics, Inc. 3158 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2014, KR Electronics, Inc.
3158, Rev 0, July 1, 2014
KR Electronics, Inc.
KR Electronics part number 3158 is a 10 MHz bandpass filter.
The filter has a typical 1 dB bandwidth of 6 MHz. Other center
frequencies and bandwidths are available. Please consult the fac-
tory.
General Description
KR Electronics, Inc.
Features
 10 MHz Bandpass Filter
 Highly Selective Elliptic Type
 High Stopband Attenuation
 100 dB min Rejection at 20 MHz
 50  Source and Load
 SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(12 dB/div)


Numéro de pièce similaire - 3158

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
3158 ETC2-3158 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
logo
ASM GmbH
3158 ASM-SENSOR-3158 Datasheet
1,008Kb / 8P
Automatic Insulation Voltage Withstand Testing
logo
List of Unclassifed Man...
3158 ETC2-3158 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3158 HEYCO-3158 Datasheet
111Kb / 1P
Vent Plugs and Thick Panel Vent Plugs
logo
Carclo Technical Plasti...
3158 COIL-3158 Datasheet
3Mb / 24P
OPTICS CATALOGUE
More results

Description similaire - 3158

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
KR Electronics, Inc.
2858 KR-2858 Datasheet
49Kb / 2P
10 MHz bandpass filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
Spectrum Microwave, Inc...
SF00325BA02642S SPECTRUM-SF00325BA02642S Datasheet
176Kb / 3P
325 MHz SAW bandpass filter with 10 MHz bandwidth
SF0326BA03198S SPECTRUM-SF0326BA03198S Datasheet
222Kb / 3P
326.4 MHz SAW bandpass filter with 10 MHz bandwidth
logo
API Technologies Corp
SF00325BA02642S APITECH-SF00325BA02642S Datasheet
176Kb / 3P
325 MHz SAW bandpass filter with 10 MHz bandwidth
logo
KR Electronics, Inc.
2796-SMA KR-2796-SMA Datasheet
65Kb / 2P
10 MHz Bandpass
2589-N KR-2589-N Datasheet
58Kb / 3P
10 MHz Bandpass Filter
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com