Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3154 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 3154
Description  1325 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3154 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  3154 Datasheet HTML 1Page - KR Electronics, Inc. 3154 Datasheet HTML 2Page - KR Electronics, Inc. 3154 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2014, KR Electronics, Inc.
3154, Rev 0, May 16, 2014
KR Electronics, Inc.
KR Electronics part number 3154 is a 1325 MHz bandpass
filter. Other center frequencies are available. Please consult
the factory.
General Description
KR Electronics, Inc.
Features
 1325 MHz Bandpass Filter
 750 MHz min 2 dB Bandwidth
 Selective Elliptic Type Response
 50  Source and Load
 Surface Mount
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(5 dB/div)


Numéro de pièce similaire - 3154

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
3154 ETC2-3154 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3154 ETC2-3154 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3154 HEYCO-3154 Datasheet
111Kb / 1P
Vent Plugs and Thick Panel Vent Plugs
logo
Carclo Technical Plasti...
3154 COIL-3154 Datasheet
3Mb / 24P
OPTICS CATALOGUE
logo
Adafruit Industries
3154 ADAFRUIT-3154 Datasheet
232Kb / 2P
Adafruit 0.8" 8x16 LED Matrix FeatherWing Display - Yellow-Green
More results

Description similaire - 3154

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
KR Electronics, Inc.
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
3277-SMA KR-3277-SMA Datasheet
100Kb / 3P
70 MHz Bandpass Filter
3299-SMA KR-3299-SMA Datasheet
85Kb / 3P
530 MHz Bandpass Filter
3306-3381-1629 KR-3306-3381-1629 Datasheet
73Kb / 3P
3381 MHz Bandpass Filter
3316-SMA KR-3316-SMA Datasheet
109Kb / 3P
550 MHz Bandpass Filter
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com