Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3151 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 3151
Description  7 MHz Lowpass Filter 1 dB max
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3151 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  3151 Datasheet HTML 1Page - KR Electronics, Inc. 3151 Datasheet HTML 2Page - KR Electronics, Inc. 3151 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2014, KR Electronics, Inc.
3151, Rev 0, April 4, 2014
KR Electronics, Inc.
KR Electronics part number 3151 is a 7 MHz lowpass filter.
The filter has a typical 3 dB bandwidth of 8 MHz. Other fre-
quencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 7 MHz Lowpass Filter 1 dB max
 8 MHz 3 dB typical
 High Stopband Rejection
 50  Source and Load
 SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 3151

FabricantNo de pièceFiches techniqueDescription
logo
Gilway Technical Lamp
3151 GILWAY-3151 Datasheet
65Kb / 1P
T-1 Subminiature Lamps
logo
List of Unclassifed Man...
3151 ETC2-3151 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
logo
ASM GmbH
3151 ASM-SENSOR-3151 Datasheet
254Kb / 2P
Erdungswiderstandsmessung f체r vielf채ltige Applikationen und Einsatzorte
logo
List of Unclassifed Man...
3151 ETC2-3151 Datasheet
68Kb / 1P
WASHERS
logo
Carclo Technical Plasti...
3151 COIL-3151 Datasheet
3Mb / 24P
OPTICS CATALOGUE
More results

Description similaire - 3151

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2297-1-BNC KR-2297-1-BNC Datasheet
57Kb / 3P
1 MHz Lowpass Filter
2403-S KR-2403-S Datasheet
42Kb / 3P
60 MHz Lowpass Filter
3007 KR-3007 Datasheet
91Kb / 3P
430 MHz Lowpass Filter
3018-2 KR-3018-2 Datasheet
52Kb / 3P
30 MHz Lowpass Filter
3188-SMA KR-3188-SMA Datasheet
94Kb / 3P
351 MHz Lowpass Filter 3 dB max
3202-2-BNC KR-3202-2-BNC Datasheet
57Kb / 3P
2 MHz Lowpass Filter
3216-SMA KR-3216-SMA Datasheet
96Kb / 3P
400 MHz Lowpass Filter 1 dB max
3253-201-LP-SMA KR-3253-201-LP-SMA Datasheet
82Kb / 3P
201 MHz Lowpass Filter
3256 KR-3256 Datasheet
64Kb / 3P
1 MHz Lowpass Filter
3271-BNC KR-3271-BNC Datasheet
50Kb / 3P
1 MHz Lowpass Filter
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com