| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3984 Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3984 Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 46 page ![]() Second-order filter design AN3984 14/46 Doc ID 022240 Rev 1 4.5 All-pass filter Equation 29 allows calculating the constant α. The coefficients for an APF can be calculated as follows: Equation 31 The coefficients to load in APWorkbench can be calculated using Equation 11. 4.6 Band-pass filter Equation 29 allows calculating the constant α while Equation 32 is used to calculate the normalized gain. Equation 32 The coefficients for a BPF can be calculated as follows(b): Equation 33 The coefficients to load in APWorkbench can be calculated using Equation 11. α ϑ α α ϑ α + = = ⋅ − = − = − = ⋅ − = + = 1 cos 2 1 1 cos 2 1 2 1 1 0 2 1 0 b a b b a a a c c b. α is defined in Equation 29, ϑc is defined in Equation 12. ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ = 20 10 dB Gain NormGain NormGain b b b NormGain b a a a c ⋅ − = − = = ⋅ = − = ⋅ − = + = α α α ϑ α 0 2 1 0 2 1 0 0 1 cos 2 1 |