Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3349 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN3349
Description  eTPU assembly converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3349 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN3349 Datasheet HTML 5Page - STMicroelectronics AN3349 Datasheet HTML 6Page - STMicroelectronics AN3349 Datasheet HTML 7Page - STMicroelectronics AN3349 Datasheet HTML 8Page - STMicroelectronics AN3349 Datasheet HTML 9Page - STMicroelectronics AN3349 Datasheet HTML 10Page - STMicroelectronics AN3349 Datasheet HTML 11Page - STMicroelectronics AN3349 Datasheet HTML 12Page - STMicroelectronics AN3349 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AN3349
Converter operation
Doc ID 018511 Rev 2
9/13
4
Converter operation
The eTPU assembly converter is given a file (or manual data) as an input and produces a
new file with all assembly instruction converted from Byte Craft to eTPU Compiler assembly.
If the original file compiled correctly according to standard Byte Craft assembly architecture,
the converted should convert the file without errors and create a new eTPU compile-ready
file.
4.1
Context
The converter is a context independent tool. It analyzes each assembly instruction
separately and converts it regardless of any other instructions. The only exception to that
rule is macros. The converter has the ability to preprocess c files before converting them
and therefore recognize macros in instruction even if they were defined elsewhere in the file
(or outside the file), more information about this option in available in the command line
section.
4.2
Error handling
When the converter encounters an unrecognized instruction, it reports an error along with
the line number of the problematic instruction. Since the converter is context independent, it
can continue converting instructions immediately after the error. Therefore, when the
converter finishes converting, it is necessary only to manually fix the reported error and
there is no need to convert the whole file again.
In addition during the conversion, the converter may report warnings. In these cases, the
converter was able to convert the specified instruction but there a chance that the
conversion wasn't perfect, more information is available at the Chapter 5: Limitations.
4.3
Variables
In c files, variables may appear in inline assembly instructions. The converter does not
recognize these variables (since it is context independent). In order to allow variables in
inline assembly, the converter copies any text that appears in assembly operands where
variables are optional. It is the users' responsibility to verify that this text refers to a real
variable. If no such variable exists the compiler will report an error if it attempts to compile
the converted file.
4.4
Parallel instructions
The etpu assembly converter supports parallel instructions. The sub-instructions in parallel
instructions are separated by semicolons in Byte Craft.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13