Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2512 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN2512
Description  This application note describes how to design
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2512 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN2512 Datasheet HTML 19Page - STMicroelectronics AN2512 Datasheet HTML 20Page - STMicroelectronics AN2512 Datasheet HTML 21Page - STMicroelectronics AN2512 Datasheet HTML 22Page - STMicroelectronics AN2512 Datasheet HTML 23Page - STMicroelectronics AN2512 Datasheet HTML 24Page - STMicroelectronics AN2512 Datasheet HTML 25Page - STMicroelectronics AN2512 Datasheet HTML 26Page - STMicroelectronics AN2512 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
AN2512
Experimental results
23/38
5.2
Phase two results
Figure 12.
Graph of experimental results of phase n.2 tests
5.3
Phase three results
Table 6.
Experimental results of phase n.2 tests
I (A)
e%min
e%av
e%max
PF 0,5C
PF 0,5L
Stmin
Stmax
0,05
-1,841
-1,257
-0,724
0,1
-0,259
-0,119
0,123
-1
1
0,25
0,277
0,282
0,336
-1
1
0,5
0,114
0,152
0,177
-0,5
0,5
5
0,038
0,047
0,052
0,04
0,03
-0,5
0,5
10
0,032
0,036
0,041
-0,5
0,5
20
0,016
0,019
0,022
-0,5
0,5
30
0,045
-0,5
0,5
45
0,06
-0,5
0,5
-1,5
-1
-0,5
0
0,5
1
1,5
0,05
0,1
0,25
0,5
5
10
20
30
45
I[A]
Table 7.
Experimental results of phase n.3 tests
I (A)
e%min
e%av
e%max
PF 0,5C
PF 0,5L
Stmin
Stmax
0,05
2,14
0,1
-0,45
-1
1
0,25
-0,04
-1
1
0,5
0,09
-0,5
0,5
5
0
0,03
0,04
-0,5
0,5
10
-0,5
0,5
20
-0,5
0,5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38