Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3148 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 3148
Description  20 KHz Highpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3148 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  3148 Datasheet HTML 1Page - KR Electronics, Inc. 3148 Datasheet HTML 2Page - KR Electronics, Inc. 3148 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2014, KR Electronics, Inc.
3148, Rev 0, April 23, 2014
KR Electronics, Inc.
KR Electronics part number 3148 is a 20 KHz highpass filter.
The filter has attains 55 dB min at 10 KHz. Other frequencies
are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 20 KHz Highpass Filter
 55 dB min at 10 KHz
 50  Source and Load
 BNC Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 3148

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
3148 ETC2-3148 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3148 ETC2-3148 Datasheet
68Kb / 1P
WASHERS
logo
Carclo Technical Plasti...
3148 COIL-3148 Datasheet
3Mb / 24P
OPTICS CATALOGUE
logo
Keystone Electronics Co...
3148 KEYSTONE-3148 Datasheet
423Kb / 1P
WASHERS
31-07 20th
logo
KR Electronics, Inc.
3148-SMA KR-3148-SMA Datasheet
52Kb / 3P
20 KHz Highpass Filter
More results

Description similaire - 3148

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2055 KR-2055 Datasheet
15Kb / 1P
Highpass Filter
2281 KR-2281 Datasheet
21Kb / 1P
Highpass Filter
2357 KR-2357 Datasheet
15Kb / 1P
Highpass Filter
2432-500-SMA KR-2432-500-SMA Datasheet
47Kb / 2P
Highpass Filter
2583 KR-2583 Datasheet
21Kb / 2P
Highpass Filter
2902 KR-2902 Datasheet
84Kb / 2P
Highpass Filter
3072-BNC KR-3072-BNC Datasheet
37Kb / 2P
100 KHz Highpass Filter
3102-20 KR-3102-20 Datasheet
47Kb / 2P
20 MHz Highpass Filter
3148-SMA KR-3148-SMA Datasheet
52Kb / 3P
20 KHz Highpass Filter
3210-N KR-3210-N Datasheet
45Kb / 2P
140 KHz Highpass Filter
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com