Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN968 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce AN968
Description  VMEbus TIMEKEEPER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN968 Fiches technique(HTML) 2 Page - STMicroelectronics

  AN968 Datasheet HTML 1Page - STMicroelectronics AN968 Datasheet HTML 2Page - STMicroelectronics AN968 Datasheet HTML 3Page - STMicroelectronics AN968 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AN968
2/4
Doc ID 6255 Rev 2
Each member of the TIMEKEEPER® family provides support for the following functions:
General timekeeping (i.e. seconds, hour, date, year,...)
Time stamping (data collection correlated against time)
Event sequencing during the manufacturing process
Watchdog (to monitor for processes in the system that are out of control)
RST: reset signal available for the CPU
Non-volatile RAM (to store startup parameters, ethernet address, etc.)
Most of the members of the TIMEKEEPER family (M48T02, M48T18, M48T58, M48T58Y,
M48T35, M48T35AV, M48T35Y, M48T37V, and M48T37Y) are already being used by
manufacturers of VME (Versa Module Eurocard) boards. However, the ones that are best
suited for new ‘design-in’ boards are the M48T58 and the M48T37Y/V. These have the
following features:
Automatic chip deselect and write protect when the power fails (as described in
application note AN1012)
BCD-coded year, month, day, date, hours, minutes, and seconds (as described in
application note AN923)
Software calibration for increased clock accuracy (as described in application note
AN934)
8K x 8 non-volatile static RAM (as described in application note AN1012)
Microprocessor power-on reset (devices with 16-byte register maps, only)
Battery-low warning software bit (devices with 16-byte register maps, only)
WDF interrupt function (devices with 16-byte register maps, only)
Periodic alarms (devices with 16-byte register maps, only)
Industry’s first fully surface mountable TIMEKEEPER solution (as described in
application note AN1019)
Industry’s smallest non-volatile TIMEKEEPER footprint (as shown in application note
AN1019)
However, the significant feature is that each is available in ST’s revolutionary SNAPHAT®
package: a standard SOIC that is surface mounted in the conventional way, and then is fitted
with a SNAPHAT top, as shown in Figure 2, containing the battery and crystal.
Figure 2.
SOIC and SNAPHAT package
AI02493



Html Pages

1 2 3 4