Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3141 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 3141
Description  Equalizer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3141 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  3141 Datasheet HTML 1Page - KR Electronics, Inc. 3141 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2014, KR Electronics, Inc.
3141, Equalizer, Rev 0, March 10, 2014
KR Electronics, Inc.
KR Electronics part number 3141 is a 5 to 100 MHz highpass
equalizer. The equalizer has a 2 dB Slope. Other bandwidths
and slopes are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 Equalizer
 Good for Amplitude Equalization
 2 dB Slope
 Other Slopes Available
 F Connectors
 50  Source and Load
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response & Return Loss
(0.5 dB/div & 10 dB/div)


Numéro de pièce similaire - 3141

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
3141 ALLEGRO-3141 Datasheet
154Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
3141 ALLEGRO-3141 Datasheet
142Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
List of Unclassifed Man...
3141 ETC1-3141 Datasheet
100Kb / 4P
POTENTIOMETERS INDUCTORS, SMDs SWITCHES, NETWORKS ENCODERS POWER COMPONENTS
3141 ETC2-3141 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3141 ETC2-3141 Datasheet
68Kb / 1P
WASHERS
More results

Description similaire - 3141

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LV3100M SANYO-LV3100M Datasheet
425Kb / 9P
Parametric Equalizer
logo
List of Unclassifed Man...
YSS231 ETC-YSS231 Datasheet
552Kb / 8P
GRAPHIC EQUALIZER
logo
Sony Corporation
CXA1298 SONY-CXA1298 Datasheet
293Kb / 13P
equalizer AMP
logo
List of Unclassifed Man...
LA3110 ETC-LA3110 Datasheet
178Kb / 4P
EQUALIZER AMP
EF2A51A ETC2-EF2A51A Datasheet
58Kb / 1P
Equalizer
logo
KR Electronics, Inc.
2981 KR-2981 Datasheet
60Kb / 2P
Equalizer
3069 KR-3069 Datasheet
60Kb / 2P
Equalizer
3075 KR-3075 Datasheet
46Kb / 2P
Equalizer
logo
Mini-Circuits
ZEQ-5-292-S MINI-ZEQ-5-292-S Datasheet
1Mb / 3P
Slope Equalizer
ZEQ-8-222N MINI-ZEQ-8-222N Datasheet
1Mb / 3P
Slope Equalizer
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com