Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3137 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 3137
Description  500 KHz Notch Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3137 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  3137 Datasheet HTML 1Page - KR Electronics, Inc. 3137 Datasheet HTML 2Page - KR Electronics, Inc. 3137 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2014, KR Electronics, Inc.
3137, 500 KHz Notch, Rev 0, February 21, 2014
KR Electronics, Inc.
KR Electronics part number 3137 is a 500 KHz notch filter. The
filter has a max 3 dB bandwidth of 26 KHz. Other center fre-
quencies and bandwidths available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 500 KHz Notch Frequency
 26 KHz max 3 dB Bandwidth
 Notch Rejection 40 dB min
 1000  Source and Load
 BNC Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(5 dB/div)


Numéro de pièce similaire - 3137

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
3137 ETC2-3137 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3137 ETC2-3137 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3137 HEYCO-3137 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
logo
Keystone Electronics Co...
3137 KEYSTONE-3137 Datasheet
423Kb / 1P
WASHERS
31-07 20th
logo
Littelfuse
313700 LITTELFUSE-313700 Datasheet
44Kb / 1P
Axial Lead and Cartridge Fuses
More results

Description similaire - 3137

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3414HV NSC-LM3414HV Datasheet
2Mb / 12P
1A 65V LED Driver Evaluation Board Switching frequency: 500 kHz
logo
KR Electronics, Inc.
3052 KR-3052 Datasheet
34Kb / 2P
Notch filter 198 KHz Notch Frequency 50 ??SMA Connectors
3053 KR-3053 Datasheet
34Kb / 2P
Notch filter 162 KHz Notch Frequency 50 ??SMA Connectors
3054 KR-3054 Datasheet
34Kb / 2P
Notch filter 252 KHz Notch Frequency 50 ??SMA Connectors
3088 KR-3088 Datasheet
58Kb / 3P
3.4 KHz Notch Frequency 2.44 KHz typical 3 dB Bandwidth High Attenuation in Notch
2275-5-BNC KR-2275-5-BNC Datasheet
155Kb / 3P
500 KHz Lowpass Filter
3142 KR-3142 Datasheet
101Kb / 3P
1 MHz Notch Frequency
3150 KR-3150 Datasheet
97Kb / 3P
1 MHz Notch Frequency
3252-N KR-3252-N Datasheet
83Kb / 3P
3.65 MHz Notch Frequency
logo
STMicroelectronics
STEVAL-ILL078V1 STMICROELECTRONICS-STEVAL-ILL078V1 Datasheet
248Kb / 4P
500 kHz switching frequency
01-Oct-2015
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com