Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3126 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 3126
Description  3300 MHz Center Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3126 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  3126 Datasheet HTML 1Page - KR Electronics, Inc. 3126 Datasheet HTML 2Page - KR Electronics, Inc. 3126 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2013, KR Electronics, Inc.
3126, Rev 0, November 26, 2013
KR Electronics, Inc.
KR Electronics part number 3126 is a 3300 MHz bandpass filter.
The filter has a typical 3 dB bandwidth of 2000 MHz. Other cen-
ter frequencies and bandwidths are available. Please consult the
factory.
General Description
KR Electronics, Inc.
Features
 3300 MHz Center Frequency
 2000 MHz typical 3 dB Bandwidth
 3325 MHz typical 40 dB Bandwidth
 High Stopband Loss to 9 GHz
 50  Source and Load
 SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 3126

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
3126 ETC2-3126 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3126 ETC2-3126 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
3126 ETC2-3126 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3126 HEYCO-3126 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
logo
Keystone Electronics Co...
3126 KEYSTONE-3126 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results

Description similaire - 3126

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2918 KR-2918 Datasheet
76Kb / 3P
750 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
800 MHz Center Frequency
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
500 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
140 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
975 MHz Center Frequency
2801-SMA KR-2801-SMA Datasheet
63Kb / 2P
42 MHz Center Frequency
2157-3-5-50 KR-2157-3-5-50 Datasheet
54Kb / 3P
3 MHz Center Frequency
2574-SMA KR-2574-SMA Datasheet
59Kb / 2P
20 MHz Center Frequency
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com