Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3124 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 3124
Description  105 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3124 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  3124 Datasheet HTML 1Page - KR Electronics, Inc. 3124 Datasheet HTML 2Page - KR Electronics, Inc. 3124 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2013, KR Electronics, Inc.
3124, Rev 0, November 26, 2013
KR Electronics, Inc.
KR Electronics part number 3124 is a 105 MHz group de-
lay equalized bandpass filter. The filter has a min 2 dB
bandwidth of 20 MHz. Other frequencies are available.
Please consult the factory.
General Description
KR Electronics, Inc.
Features
 105 MHz Bandpass Filter
 20 MHz Bandwidth
 Sharp Elliptic Transition to Stopband
 Group Delay Equalized for Linear Phase
 50  Source and Load
 Surface Mount Package
 Also Available with SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 3124

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
3124 ETC2-3124 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3124 ETC2-3124 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
3124 ETC2-3124 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3124 HEYCO-3124 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Adafruit Industries
3124 ADAFRUIT-3124 Datasheet
346Kb / 2P
DE-15 (DB-15) Female Socket to Terminal Block Breakout
7-26-17
More results

Description similaire - 3124

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
KR Electronics, Inc.
3211 KR-3211 Datasheet
59Kb / 3P
105 MHz Bandpass Filter
3234-SMA KR-3234-SMA Datasheet
100Kb / 3P
105 MHz Lowpass Filter
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
3277-SMA KR-3277-SMA Datasheet
100Kb / 3P
70 MHz Bandpass Filter
3299-SMA KR-3299-SMA Datasheet
85Kb / 3P
530 MHz Bandpass Filter
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com