Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3117 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 3117
Description  350 KHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3117 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  3117 Datasheet HTML 1Page - KR Electronics, Inc. 3117 Datasheet HTML 2Page - KR Electronics, Inc. 3117 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2013, KR Electronics, Inc.
3117, Rev 0, September 20, 2013
KR Electronics, Inc.
KR Electronics part number 3117 is a 350 KHz bandpass filter.
The filter has a min 3 dB bandwidth of 600 KHz. Other center
frequencies and bandwidths are available. Please consult the
factory.
General Description
KR Electronics, Inc.
Features
 350 KHz Bandpass Filter
 600 KHz min 3 dB BW
 60 dB min Rejection
 Sharp Elliptic Type Response
 50  Source and Load
 BNC Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 3117

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
3117 ETC2-3117 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3117 ETC2-3117 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
3117 ETC2-3117 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3117 HEYCO-3117 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
logo
Keystone Electronics Co...
3117 KEYSTONE-3117 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results

Description similaire - 3117

FabricantNo de pièceFiches techniqueDescription
logo
TriQuint Semiconductor
855398 TRIQUINT-855398 Datasheet
41Kb / 1P
350 MHZ Bandpass Filter
logo
KR Electronics, Inc.
2827 KR-2827 Datasheet
60Kb / 2P
350 KHz lowpass filter
2851 KR-2851 Datasheet
50Kb / 2P
500 KHz bandpass filter
2869 KR-2869 Datasheet
97Kb / 2P
20 KHz bandpass filter
3093 KR-3093 Datasheet
105Kb / 3P
350 MHz Bandpass Filter
3205-BNC KR-3205-BNC Datasheet
149Kb / 3P
770 KHz Bandpass Filter
2436-90-SMA KR-2436-90-SMA Datasheet
183Kb / 3P
90 KHz Bandpass Filter
3259-350 KR-3259-350 Datasheet
71Kb / 3P
350 MHz Bandpass Filter
3288-SMA KR-3288-SMA Datasheet
98Kb / 3P
350 MHz Bandpass Filter
3317-SMA KR-3317-SMA Datasheet
197Kb / 3P
100 KHz Bandpass Filter
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com