Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1634 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce UM1634
Description  Standard software driver for C90FL2 Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1634 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button UM1634 Datasheet HTML 27Page - STMicroelectronics UM1634 Datasheet HTML 28Page - STMicroelectronics UM1634 Datasheet HTML 29Page - STMicroelectronics UM1634 Datasheet HTML 30Page - STMicroelectronics UM1634 Datasheet HTML 31Page - STMicroelectronics UM1634 Datasheet HTML 32Page - STMicroelectronics UM1634 Datasheet HTML 33Page - STMicroelectronics UM1634 Datasheet HTML 34Page - STMicroelectronics UM1634 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
DocID024601 Rev 3
31/43
UM1634
API specification
Return values
Comments
For comments please refer to Section 3.6.2 for details.
Assumptions
It assumes that the flash block is initialized using the FlashInit()’API. User will provide the
correct ssdconfig parameters to the FlashDepletionRecover () as returned by the FlashInit().
3.7
User test mode functions
3.7.1
FlashArrayIntegrityCheck()
Description
This function checks the array integrity of the Flash. The user specified address sequence is
used for array integrity reads and the operation is done on the specified blocks. The MISR
values calculated by the hardware is compared to the values passed by the user, if they are
not the same, then an error code is returned.
Prototype
UINT32 FlashArrayIntegrityCheck (PSSD_CONFIG pSSDConfig,
UINT32 lowEnabledBlocks,
UINT32 midEnabledBlocks,
UINT32 highEnabledBlocks,
UINT8 addrSeq,
MISR misrValue_Bk0,
Table 38. Return values for FlashDepletionRecover()
Return Values
Possible Causes
Solution
C90FL_ERROR_BUSY
Depletion operation cannot
be performed because there
is program/erase sequence
in progress on the flash
module.
Wait until all previous
program/erase operations on
the flash module finish.
Possible cases that erase
cannot start are:
1. erase in progress (MCR-
ERS is high);
2. program in progress (MCR-
PGM is high)
C90FL_ERROR_ EGOOD
Depletion operation failed.
Check if the C90FL module is
available and high voltage is
applied to C90FL. Then try to
do the recovery operation
again.
C90FL_OK
Successful completion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43