Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1627 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce UM1627
Description  Standard software driver for C90LC Flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1627 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button UM1627 Datasheet HTML 9Page - STMicroelectronics UM1627 Datasheet HTML 10Page - STMicroelectronics UM1627 Datasheet HTML 11Page - STMicroelectronics UM1627 Datasheet HTML 12Page - STMicroelectronics UM1627 Datasheet HTML 13Page - STMicroelectronics UM1627 Datasheet HTML 14Page - STMicroelectronics UM1627 Datasheet HTML 15Page - STMicroelectronics UM1627 Datasheet HTML 16Page - STMicroelectronics UM1627 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
DocID024497 Rev 2
13/38
UM1627
API specification
Arguments
Return values
Troubleshooting
Table 13. Arguments for BlankCheck()
Argument
Description
Range
pSSDConfig
Pointer to the SSD
Configuration Structure.
The values in this structure are chip-dependent.
Please refer to Section 2.3 for more details.
dest
Destination address to be
checked.
Any accessible address aligned on double word
boundary in main array or shadow row
size
Size, in bytes, of the Flash
region to check.
If size = 0, the return value is C90FL_OK.
It should be multiple of 8 and its combination with
dest should fall in either main array or shadow row.
pFailAddress
Return the address of the first
non-blank Flash location in
the checking region
Only valid when this function returns
C90FL_ERROR_NOT_BLANK.
pFailData
Return the content of the first
non-blank Flash location in
the checking region.
Only valid when this function returns
C90FL_ERROR_NOT_BLANK.
CallBack
Address of void callback
function
Any addressable void function address. To disable
it use NULL_CALLBACK macro.
Table 14. Return values for BlankCheck()
Type
Description
Possible values
UINT32
Successful completion or error value.
C90FL_OK
C90FL_ERROR_ALIGNMENT
C90FL_ERROR_RANGE
C90FL_ERROR_NOT_BLANK
Table 15. Troubleshooting for BlankCheck()
Returned error bits
Description
Solution
C90FL_ERROR_ALIGNMENT
The dest/size are not
properly aligned.
Check if dest and size are aligned on
double word (64-bit) boundary.
C90FL_ERROR_RANGE
The area specified by dest
and size is out of the valid
C90LC array ranges.
Check dest and dest+size. The area
to be checked must be within main
array space or shadow space.
C90FL_ERROR_NOT_BLANK
There is a non-blank
double word within the
area to be checked.
Erase the relevant blocks and check
again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38