Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0438 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce UM0438
Description  This user manual defines a programming model for use with the variable-length encoding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0438 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button UM0438 Datasheet HTML 17Page - STMicroelectronics UM0438 Datasheet HTML 18Page - STMicroelectronics UM0438 Datasheet HTML 19Page - STMicroelectronics UM0438 Datasheet HTML 20Page - STMicroelectronics UM0438 Datasheet HTML 21Page - STMicroelectronics UM0438 Datasheet HTML 22Page - STMicroelectronics UM0438 Datasheet HTML 23Page - STMicroelectronics UM0438 Datasheet HTML 24Page - STMicroelectronics UM0438 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
UM0438
Instruction set
21/50
The VLE extension does not currently fully encompass 64-bit operations, although the
addition of such operations in a future version is envisioned. For future compatibility, and to
avoid confusion with Book E, register bit numbering remains the same as in traditional
Book E.
The description of each instruction is contained in the VLE section of the EREF and includes
the mnemonic and a formatted list of operands. VLE instructions have either exact or similar
semantics to Book E instructions. Where the semantics, side-effects, and binary encodings
are identical, the Book E mnemonics and formats are used. Where the semantics are
similar but the binary encodings differ, the Book E mnemonic is generally preceded with an
‘e_’. To distinguish similar instructions available in both 16- and 32-bit formats under VLE
and standard Book E instructions, VLE instructions encoded with 16 bits have an ‘se_’
prefix. VLE instructions encoded with 32 bits that have different binary encodings or
semantics than the equivalent Book E instruction have an ‘e_’ prefix. Some examples are
the following:
stw RS,D(RA) // Standard Book E instruction
e_stw RS,D(RA) // 32-bit VLE instruction
se_stw RZ,SD4(RX)// 16-bit VLE instruction
For detailed functional descriptions of each VLE instruction, along with the assembly
mnemonic and operands, refer to the VLE section of the EREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50