Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3340 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN3340
Description  Loudspeaker characterization and compensation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3340 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN3340 Datasheet HTML 16Page - STMicroelectronics AN3340 Datasheet HTML 17Page - STMicroelectronics AN3340 Datasheet HTML 18Page - STMicroelectronics AN3340 Datasheet HTML 19Page - STMicroelectronics AN3340 Datasheet HTML 20Page - STMicroelectronics AN3340 Datasheet HTML 21Page - STMicroelectronics AN3340 Datasheet HTML 22Page - STMicroelectronics AN3340 Datasheet HTML 23Page - STMicroelectronics AN3340 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AN3340
Conclusions
Doc ID 18453 Rev 1
21/24
7
Conclusions
This application note has described the basic methodology and the ST Speaker Tune tool in
order to assist the user to achieve good speaker compensation results.
A speaker used in a LCD flat-screen TV set has been used as a practical example to
analyze the frequency performance before and after speaker compensation.
It has also been shown how the number of biquads and the frequency range affect the
compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24