Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3327 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN3327
Description  L9942 back EMF stall detection algorithm
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3327 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN3327 Datasheet HTML 9Page - STMicroelectronics AN3327 Datasheet HTML 10Page - STMicroelectronics AN3327 Datasheet HTML 11Page - STMicroelectronics AN3327 Datasheet HTML 12Page - STMicroelectronics AN3327 Datasheet HTML 13Page - STMicroelectronics AN3327 Datasheet HTML 14Page - STMicroelectronics AN3327 Datasheet HTML 15Page - STMicroelectronics AN3327 Datasheet HTML 16Page - STMicroelectronics AN3327 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DocID18343 Rev 3
13/22
AN3327
L9942 stall detection methods
19
3.2.1
BEMF on a stepper motor
To more easily see the effects of torque on back EMF the following is a look at a motor
driven in full step mode. Figure 9 below illustrates an unloaded motor being driven in full
step mode. The red is the current while the purple is the voltage on the phase. The thin
black line estimates the back EMF.
Figure 9. Unloaded motor driven in full step mode
In an unloaded motor (Figure 9) the Back EMF leads the phase current. This indicates that
there is more energy provided by the rotating magnetic field, than is mandatory to keep the
rotation of the rotor. The irregular shape of the back EMF voltage indicates that there is
rotational acceleration and deceleration through a 360° cycle.
In a motor with a higher load level (Figure 10) the Back EMF signal is more aligned to the
actual driver signal. In other words the phase difference in between the cause and the effect
is smaller. If the load is increased above a certain level there may occur step loss while
driving the motor.
Figure 10. A loaded motor driven in full step mode
Systems that use stepper motors severely overdrive their motors to ensure that they never,
under all normal operating conditions, stall.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22