Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2650 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN2650
Description  L9942 stepper motor driver for bipolar stepper motors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2650 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN2650 Datasheet HTML 9Page - STMicroelectronics AN2650 Datasheet HTML 10Page - STMicroelectronics AN2650 Datasheet HTML 11Page - STMicroelectronics AN2650 Datasheet HTML 12Page - STMicroelectronics AN2650 Datasheet HTML 13Page - STMicroelectronics AN2650 Datasheet HTML 14Page - STMicroelectronics AN2650 Datasheet HTML 15Page - STMicroelectronics AN2650 Datasheet HTML 16Page - STMicroelectronics AN2650 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DocID14109 Rev 3
13/26
AN2650
Decay modes
25
4
Decay modes
During the ON phase the current in the motor coil increases. After an ON phase, an OFF
phase follows that always starts with the cross current protection time (tcc).
The cross current protection time is automatically chosen with the slew rate and is typically
in the range from 0.5 to 4 µs.
After the cross current protection time, a programmed decay mode follows.
The basic decay modes of the stepper motor driver L9942 are:
•
Slow decay
•
Fast decay
•
Advanced decay modes, which are combinations of the slow and fast decay modes.
4.1
Slow decay
The slow decay mode realizes a minimum loss of energy in the motor coil. This means the
current decrease in the motor coil is “slow”.
Slow decay is illustrated in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26