| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2618 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2618 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 23 page ![]() AN2618 Software integration 9/23 4 Software integration The eTPU code and host CPU code are compiled and linked separately. The eTPU code needs to be built first to generate and export the eTPU code image and parameter symbol information, as shown in Appendix D on page 16 and Appendix E on page 17. The host code needs to include these files properly to resolve all the symbol reference between eTPU and host code. This software build dependency can be added easily to the makefile to ensure the proper sequence. |